PART |
Description |
Maker |
GBPC25 GBPC GBPC35 GBPC12 GBPC15 GBPC2504 GBPC3504 |
12, 15, 25, 35 Ampere Glass Passivated Bridge Rectifiers Aluminum Polymer Radial Lead Capacitor; Capacitance: 680uF; Voltage: 6.3V; Case Size: 10x13 mm; Packaging: Bulk 12/ 15/ 25/ 35 Ampere Glass Passivated Bridge Rectifiers 25 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电5A,重复反相电压峰00V)) 25 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 35 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电35A,重复反相电压峰00V)) 35 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 35 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电35A,重复反相电压峰00V)) 35 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE 35 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电35A,重复反相电压峰00V)) 35 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 12, 15, 25, 35 Ampere Glass Passivated Bridge Rectifiers 12555安培玻璃钝化整流 25 Ampere Glass Passivated Bridge Rectifiers(?荤????妗ユ?娴??锛?钩???娴??娴?5A锛??澶???哥???嘲??00V)) 15 Ampere Glass Passivated Bridge Rectifiers(?荤????妗ユ?娴??锛?钩???娴??娴?5A锛??澶???哥???嘲??00V))
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
1.5KE350 1.5KE7.5 1.5KE100 1.5KE400 1N6300 15KE 1. |
160 V, 1500 W, glass passivated junction transient voltage suppressor GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 玻璃钝化结瞬态电压抑制器 16-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 48-TSSOP -40 to 85 220 V, 1 mA, glass passivated junction transient voltage suppressor GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
|
TRANSYS Electronics Limited Transys Electronics, Ltd. Transys Electronics Ltd. TRSYS http:// List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
1N5393GP 1N5399GP 1N5391GP 1N5392GP 1N5394GP 1N539 |
Glass Passivated Junction Rectifier(????荤?缁???存??? Glass Passivated Junction Rectifier(钝化玻璃结型整流 结玻璃钝化整流(钝化玻璃结型整流器) GLASS PASSIVATED JUNCTION RECTIFIER 玻璃钝化整流
|
GE Security, Inc. GE[General Semiconductor]
|
HDG320240 320240 |
Chip On Glass technology 320 X 240 Dots Graphics Chip On Glass technology 在玻璃芯片技
|
List of Unclassifed Manufacturers ETC[ETC] Hantronix,Inc Electronic Theatre Controls, Inc.
|
BYV27100 BYV27150 BYV27200 BYV2750 BYV27 DIODESINC |
200V; 2.0A super-fast glass body rectifier 150V; 2.0A super-fast glass body rectifier 100V; 2.0A super-fast glass body rectifier 2.0A SUPER-FAST GLASS BODY RECTIFIER 安培的电流超快速整流玻璃钢车身
|
DIODES[Diodes Incorporated] Diodes Inc. Diodes, Inc.
|
A-2004-0-2-N A-2004-0-1-N A-2004-0-4-N |
Glass Filled Polyester Glass Filled Polyster
|
Assmann Electronics Inc...
|
AZ983-1C-12D AZ983-1C-6D AZ983-1C-24D AZ983 AZ983- |
CAPACITOR;GLASS;33PF;5%;300V CAPACITOR, FIXED, GLASS 1000PF /- 5%, 300V T&R / HICV JAPAN - FN RoHS Compliant: No CAP 10PF 200V 200V X7R RAD.20 .20X.20 BULK M-MIL-PRF-39014 80 AMP AUTOMOTIVE RELAY
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers ZETTLER electronics
|
1N4003G-A 1N4003G-B 1N4001G-A 1N4001G-B 1N4002G-B |
1.0A GLASS PASSIVATED RECTIFIER 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-41 1.0A GLASS PASSIVATED RECTIFIER 1 A, 800 V, SILICON, SIGNAL DIODE, DO-41 1.0A GLASS PASSIVATED RECTIFIER 1 A, 400 V, SILICON, SIGNAL DIODE, DO-41 1.0A GLASS PASSIVATED RECTIFIER 1 A, 50 V, SILICON, SIGNAL DIODE, DO-41 1.0A GLASS PASSIVATED RECTIFIER 1 A, 200 V, SILICON, SIGNAL DIODE, DO-41
|
Diodes Inc. Anderson Power Products, Inc. Diodes, Inc.
|
S3K-13 S3MB |
Glass Passivated Die Construction 3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
|
Diodes Incorporated
|
GS1A GS1B GS1D GS1G GS1J GS1K GS1M |
Standard Recovery Pack: SMA SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE拢潞50 TO 1000V CURRENT拢潞 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE?0 TO 1000V CURRENT 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE?0 TO 1000V CURRENT?/a> 1.0A
|
Gulf Semiconductor http://
|
GDZJ3.0 GDZJ4.3 GDZJ2.7 GDZJ2.0 GDZJ2.2 GDZJ2.4 GD |
5.6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 15 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 GLASS PACKAGE- 2 16 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 GLASS PACKAGE- 2 13 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 GLASS PACKAGE- 2 3.6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 GLASS PACKAGE- 2 11 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 GLASS PACKAGE- 2 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 GLASS PACKAGE- 2 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 GLASS PACKAGE- 2 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 GLASS PACKAGE- 2 AXIAL LEAD ZENER DIODES
|
Pan Jit International I... Rohm Co., Ltd. Diodes, Inc. NXP Semiconductors N.V. Pan Jit International Inc.
|
|